PART |
Description |
Maker |
604D850F200HJ7 |
85UF 200V 24X47 105 C AXI - Bulk
|
Vishay Sprague
|
MJH11020 |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
|
Motorola, Inc
|
M5M27C101P-15 M5M27C101J-15 M5M27C101RV-15 |
128K X 8 OTPROM, 150 ns, PDIP32 128K X 8 OTPROM, 150 ns, PQCC32 128K X 8 OTPROM, 150 ns, PDSO40
|
|
LK1601-7R LK2540-7R LK1001-7R LK2660-7R LK1301-7R |
2-OUTPUT 150 W AC-DC REG PWR SUPPLY MODULE 1-OUTPUT 150 W AC-DC REG PWR SUPPLY MODULE 150 Watt AC-DC Converters
|
POWER-ONE[Power-One] http://
|
SX100U-12S SX100U-24S SX100U SX100U-05S SX100U-15S |
100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply 100 & 150 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
|
List of Unclassifed Manufacturers ETC[ETC] Volgen Kaga Electronics Inc.
|
FP00013K30F6201B8 FP0004 FP00021K30F9251B8 FP00022 |
VISFP00013K30F6201B8 FP1 :6201 3.3K 1% B Metal Film Resistors, Industrial, Flameproof Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 1300 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 20000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT VISFP000233R0F9251EK A2V00001421814 RES Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 2000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Res Metal Film 230K Ohm 1% 1W ±150ppm/C Conformal AXL Thru-Hole T/R Film/Foil Resistor, RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 150000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 3 W, 1 %, 150 ppm, 100000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED
|
Vishay Dale Vishay Siliconix
|
LT3689HMSEPBF |
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer; Package: 16-MSOP; Temperature Range: –40°C to 150°C 1.95 A SWITCHING REGULATOR, 2160 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
PZT5401L-AA3-R PZT5401 PZT5401-AA3-R PZT5401-AA3-R |
HIGH VOLTAGE SWITCHING TRANSISTOR 0.6 A, 150 V, PNP, Si, POWER TRANSISTOR 0.6 A, 150 V, PNP, Si, POWER TRANSISTOR SOT-223, 4 PIN
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies] 友顺科技股份有限公司
|
STPS40150CG-TR STPS40150CW STPS40150CT |
20 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 20 A, 150 V, SILICON, RECTIFIER DIODE, TO-247AC
|
ST Microelectronics STMICROELECTRONICS
|
SP20F-100RKI SP20F-150RKI SP20F-1R80KI SP20F-22R0K |
RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 100 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 150 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 1.8 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 22 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 120 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 18 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 330 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 27 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 1.2 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 1 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 1.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 270 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 10 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 1000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 220 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 2.7 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 2.2 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, FUSIBLE, WIRE WOUND, 1 W, 10 %, 150 ppm, 12 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Welwyn Components, Ltd.
|
|